PART |
Description |
Maker |
STP22NF03L07 STP22NF03L |
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET II Power MOSFET N-channel 30V - 0.0038ヘ - 22A - TO-220 STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
IRF54003 IRF540 |
N-CHANNEL 100V - 0.055 OHM - 22A TO-220 LOW GATE CHARGE STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.055ヘ - 22A TO-220 LOW GATE CHARGE STripFET⑩ II POWER MOSFET N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI12N60C FQB12N60C FQB12N60CTM |
600V N-Channel MOSFET 12 A, 600 V, 0.65 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STF9NK60ZD STB9NK60ZD STB9NK60ZDT4 STP9NK60ZD |
N-CHANNEL 600V - 0.85 OHM - 7A TO-220/TO-220FP/D2PAK FAST DIODE SUPERMESH MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/TO-220FP/DPAK SUPERFREDMESH MOSFET From old datasheet system N-CHANNEL 600V - 0.85? - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET N-CHANNEL 600V - 0.85 - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF5NJZ48 |
55V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
|
International Rectifier
|
AOT22N50 AOTF22N50 |
500V,22A N-Channel MOSFET
|
Alpha & Omega Semiconductors
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
FDMS3572 |
N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
|
FAIRCHILD[Fairchild Semiconductor]
|